Part Number Hot Search : 
CMK04 M100K AC05FGM 75639S3S 2AZ24VDC UN5111 Q6704 CIL464C
Product Description
Full Text Search
 

To Download GTR-2212A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 1X9 Series
155Mbps Bi-Directional transmission
GTR-221X Bi-Directional 1X9 Transceiver
Features
Transmitter and receiver in one device SC/FC receptacle bi-directional single fiber 155Mbps data rate A type: 1310nmFPTx/1550nmRx B type: 1550nmFP laser transmitter Class laser product compiles with IEC 60825-1 3.3V/ 5V power supply LVPECL/PECL signal input and output Operating Case Temperature Standard: 0 ~+70 Industrial:-40 ~+85 DFB Tx/1310nmRx
Applications
WDM Application SDH STM-1/ SONET OC-3
Product Description
The GTR-221X optical transceiver is designed for use in155Mbps data links. It provide the SC/FC optical receptacle that is compatible with the industry standard connector. Both the transmitter and the receiver are packaged together with a top plastic cover and bottom shield. The transceiver operates with 3.3V/5V DC power supply.
Eoptolink Technology Inc., Ltd. Last printed 2/14/2008 Page 1 of 8
1X9 Series
Feature Electrostatic Discharge (ESD) to the Electrical Pins Electromagnetic Interference (EMI) Laser Eye Safety Component Recognition Green Products
155Mbps Bi-Directional transmission
Regulatory Compliance
Standard MIL-STD-883E Method 3015.7 FCC Part 15 Class B FDA 21CFR 1040.10 and 1040.11 EN60950, EN (IEC) 60825-1,2 UL and CUL RoHS Performance Class 1(>500 V) Compatible with standards Compatible with Class I laser product. Compatible with TUV standards UL file E317337 RoHS6
*Note: Products compliant with UL file E317337 use EOL9 series Part NO.
Absolute Maximum Ratings
Parameter Storage Temperature Supply Voltage Operating Relative Humidity Soldering Conditions Temp/Time Symbol TS VCC Min. -40 -0.5 Max. +85 6.0 95 260/10 Unit C V % C/s
Recommended Operating Conditions
Parameter Operating Case Temperature Power Supply Voltage Power Supply Current Data Rate Symbol Min. Typical Max. TA VCC ICC 0 -40 4.75 5 60 155 +70 +85 5.25 100 Unit C V mA Mbps
Optical and Electrical Characteristic
Parameter Symbol Min. Typical 1310 1550 Max. 1360 1580 4 1 Unit Transmitter 1260 1480
Centre Wavelength Spectral Width FP DFB
C
nm nm
Eoptolink Technology Inc., Ltd. Last printed 2/14/2008 Page 2 of 8
1X9 Series
TYPE A Average Output Power TYPE B Average Output Power 20Km 40Km 60Km 20Km FP 40Km DFB 60Km DFB
155Mbps Bi-Directional transmission P0ut -14 -10 -5 -14 -10 -5 EX tr/tf Vin Zin VH VL 500 90 VCC-1165 VCC-1810 100 10 0.5 1600 110 VCC-880 VCC1475 -8 -5 0 -8 -5 0 dB ns mV dBm
P0ut
dBm
Extinction Ratio Rise/Fall Time (20%---80%) Data Input Swing Differential Input Differential Impedance Input High Voltage Input Low Voltage Eye Diagram Data Input
mV mV
Compliant with ITU-T G.957 LVPECL/PECL Receiver 155 Mbps 1550 1310 1580 1360 -34 -3 -35 -40 0.5 VCC-1165 VCC-1810 LVPECL/PECL VCC-880 VCC1475 nm dBm dBm dBm dBm dB mV mV
Receiver Rate Centre Wavelength Receiver Sensitivity Receiver Overload SD Assert SD De-Assert SD Hysteresis Output High Voltage Output Low Voltage Data Output
C
Pmin Pmax SDA SDD VH VL
1480 1260
Eoptolink Technology Inc., Ltd. Last printed 2/14/2008 Page 3 of 8
1X9 Series
Pin Description
Pin Name 1 2 3 VEER RD+ RDLevel
155Mbps Bi-Directional transmission
Description
4
SD
5
VccR
6 7 8 9
VccR TDTD+ VEET
Receiver Signal Ground, connect to receiver signal ground plane directly Receiver Data Out, Terminate this pin with standard LVPECL/PECL LVPECL/PECL techniques Receiver Data Out, Terminate this pin with standard LVPECL/PECL LVPECL/PECL techniques Signal Detect, LVTTL/TTL ( Load resistor > 4.7K)or LVPECL/PECL output, Normal optical input levels to the receiver result in a LVPECL/PECL logic "1" output, asserted. Low input levels to the receiver result in a fault condition indicated by a logic "0"output, deasserted. Receiver Power Supply ,provide +5V(+3.3V) a the recommended receiver power supply filter circuit. Locate the power filter circuit as close as possible to the VCCT pin Transmitter Power Supply, provide +3.3V /+5V DC via the recommended transmitter power supply filter circuit. Locate the power filter circuit as close as possible to the VCCT pin PECL Transmitter Data in PECL Transmitter Data in Transmitter Signal Ground, connect to the transmitter signal ground planed directly
Eoptolink Technology Inc., Ltd. Last printed 2/14/2008 Page 4 of 8
1X9 Series
Pin Definitions
155Mbps Bi-Directional transmission
Recommended Circuit
DC-COUPLING
Eoptolink Technology Inc., Ltd. Last printed 2/14/2008 Page 5 of 8

! $% "# '' '' ! $% "# ''' ''' ' '
&% " ' ' &% " ' '
1X9 Series
SC receptacle
155Mbps Bi-Directional transmission
Package outline ( unit: mm)
Eoptolink Technology Inc., Ltd. Last printed 2/14/2008 Page 6 of 8
1X9 Series
FC receptacle
155Mbps Bi-Directional transmission
Ordering information
Part No. GTR-2212(A)(B)(C) GTR-2213(A)(B)(C) GTR-2214(A)(B)(C) GTR-2215(A)(B)(C) GTR-2216(A)(B)(C) GTR-2217(A)(B)(C) GTR-2218(A)(B)(C) GTR-2219(A)(B)(C) Data Rate Laser 1310nmFPT/1550nmR 1550nmFPT/1310nmR 1310nmFPT/1550nmR 1550nmDFB/1310nmR 1310nmFPT/1550nmR 1550nmDFBT/1310nmR 1310nmFPT/1550nmR 1550nmDFBT/1310nmR Fiber Type Distance 20Km 20Km 40Km 40Km 60Km 60Km 80Km 80Km Optical Interface
155M
SMF
SC/FC
*A may be F, E, blank (F--FC, E--ST, blank--SC) *B may be I (I--- Industrial operating temperature) *C may be V, H, blank (V--3.3v, H--5V, blank--3.3v/5v)
Eoptolink Technology Inc., Ltd. Last printed 2/14/2008 Page 7 of 8
1X9 Series
NOTICE:
155Mbps Bi-Directional transmission
Eoptolink reserves the right to make changes to or discontinue any optical link product or service identified in this publication, without notice, in order to improve design and/or performance. Applications that are described herein for any of the optical link products are for illustrative purposes only. Eoptolink makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification.
CONTACT:
Add: Floor 5, Building 2, No. 21 Gaopeng Avenue, High-Tech District, Chengdu City. Tel: (+86) 028-85122709 (+86) 028-85124308 (+86) 028-85124306 Fax: (+86) 028-85121912 Postal: 610041 E-mail:sales@eoptolink.com
http://www.eoptolink.com
ext 816 & 809 ext 816 & 809 ext 816 & 809
(+86) 028-85121709 ext 816 & 809
Eoptolink Technology Inc., Ltd. Last printed 2/14/2008 Page 8 of 8


▲Up To Search▲   

 
Price & Availability of GTR-2212A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X